PART |
Description |
Maker |
MC10H109FNR2 MC10H131 MC100EP140 MC100E155FN MC100 |
Dual 4-5-Input OR/NOR Gate Dual Type D Master-Slave Flip-Flop 3.3V ECL Phase-Frequency Detector 5V ECL 6-Bit 2:1 Mux Latch 5V ECL Differential Data and Clock D Flip-Flop 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver ECL/TTL Clock Driver 3.3V / 5V 2-Input Differential AND/NAND 5V ECL 2:1 Multiplexer 3.3V / 5V ECL JK Flip Flop 3.3V ECL 1:4 ÷ 1/÷ 2 Clock Fanout Buffer 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator Dual 2-Bit Adder/Subtractor
|
ON Semiconductor
|
MC10H106 MC100EL29DWR2 MC10H117 MC10H117FN MC100EP |
Triple 4-3-3-Input NOR Gate 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing 5V ECL 2-Input XOR/XNOR 4-Wide OR-AND/OR-ANDbar Gate 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL ÷2 Divider 5V ECL Differential Data and Clock D Flip-Flop
|
ON Semiconductor
|
SPT9712 SPT9712AIP SPT9712BIP |
12-BIT, 100 MWPS ECL D/A CONVERTER PARALLEL, WORD INPUT LOADING, 0.013 us SETTLING TIME, 12-BIT DAC, PQCC28 12-BIT 100 MWPS ECL D/A CONVERTER From old datasheet system SPT9712
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
100395QC 100395 100395QCX 100395CW |
ECL-to-TTL Translator 9 ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28 Low Power 9-Bit ECL-to-TTL Translator with Registers(低功耗、单电源、带寄存器的9位ECL电平到TTL电平转换 From old datasheet system Low Power Hex TTL-to-ECL Translator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
MC100EP35DR2 MC100EP33D NB100LVEP17MN |
3.3V / 5V ECL JK Flip Flop 3.3V / 5V ECL ÷4 Divider 2.5 V / 3.3 V ECL Quad Differential Driver/Receiver
|
ON Semiconductor
|
MC100E155FN MC100E155FNR2 MC10E155FN MC10E155FNR2 |
5V ECL 6−Bit 2:1 Mux−Latch 10E SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PQCC28 5V ECL 6−Bit 2:1 Mux−Latch
|
ONSEMI[ON Semiconductor]
|
P6SMBJ36 P6SMBJ13 P6SMBJ90A P6SMBJ10 P6SMBJ100 P6S |
3.3V ECL 4-Input OR/NOR; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 Unidirectional and bidirectional Transient Voltage Suppressor diodes 3.3V / 5VECL 8-Bit Serial/Parallel Converter; Package: 32 QFN, 5 x 5 mm, 0.5 mm pitch, exposed pad; No of Pins: 32; Container: Rail; Qty per BBG ECL GATE OR/NOR QUAD; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 NECL OUTPUT TRANSLATOR; Package: QFN 4x4 mm, 24 PIN; No of Pins: 24; Container: Rail; Qty per Container: 92 5V ECL 8-Bit Synchronous Binary Up Counter; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 3.3V ECL Dual 1:3 Fanout Buffer; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 5V ECL 2-Input Differential AND/NAND; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 3.3V ECL 1:9 Differential Clock Driver; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 1:2 Fanout Differential LVPECL to LVTTL Translator; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100
|
SEMIKRON[Semikron International]
|
MC10E1651-D |
5V, -5V ECL Dual ECL Output Comparator with Latch
|
ON Semiconductor
|